Part Number Hot Search : 
74F11 FL4105 TG220152 MAX638 2SK3321 MP86PS23 4528B R3612
Product Description
Full Text Search
 

To Download SCS0520P09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente scs0520p 0.5 a, 20 v schottky barrier rectifiers 04-dec-2009 rev. e page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. cathode band g e a j f d h c b 1 2 rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? high current capability ? extremely low thermal resistance ? for surface mount application ? higher temp soldering : 250 c for 10 seconds at terminals ? low forward voltage mechanical data ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: solderable per mil-std-202, method 208 guaranteed ? polarity: color band denotes cathode end ? mounting position: any marking code bb maximum ratings and electrical characteristics (t a =25c unless otherwise specified) parameter symbol rating units maximum recurrent peak reverse voltage v rrm 20 v working peak reverse voltage v rwm 20 v maximum dc blocking voltage v r 20 v average forward current @t j =25c i f(av) 0.5 a peak forward current @ 8.3 ms half sine i fsm 10 a maximum instantaneous forward voltage i fm = 0.5 a, t a = 25c v f1 0.45 v maximum instantaneous forward voltage i fm = 0.5 a, t a = 125c v f2 0.35 v maximum dc reverse current at rated dc blocking voltage @ t j = 25c i r1 0.1 ma maximum dc reverse current at rated dc blocking voltage @ t j = 125c i r2 5 ma typical junction capacitance(note 1) c j 170 pf typical thermal resistance (note 2) r ja 310 c/w operating temperature range t j 150 c storage temperature t stg 150 c notes: 1. measured at 1mhz and applied reverse of 0v dc. 2. fr-4 pcb, 2 oz. 0.7mm 1.2mm copper pad. millimete r millimete r ref. min. max. ref. min. max. a 0.95 1.35 f 1.40 1.80 b 0.10 ref. g 2.55 2.85 c 1.05 1.15 h 3.55 3.85 d 0.30 0.78 j - - e 0.08 0.25 sod-123
elektronische bauelemente scs0520p 0.5 a, 20 v schottky barrier rectifiers 04-dec-2009 rev. e page 2 of 2 maximum non- repetitive forward surge current number of cycles at 60hz peak forwad surge current (a) 0 2 4 6 8 10 0 10 100 8.3ms single half sine wave jedec method tj=25 j junction capacitance (pf) revise voltage (%) typical junction capacitance 0 50 100 150 200 0 1 10 100 t j , j u n c t i o n t e m p e r a t u r e ( j ) a v e r a g e f o r w a r d c u r r e n t ( a ) typical forward current derating curve 0 0 . 2 5 0 . 5 0 . 7 5 0 5 0 1 0 0 1 5 0 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 2 0 5 1 0 1 5 2 5 1 r e v e r s e v o l t a g e ( v ) t y p i c a l r e v e r s e c h a r a c t e r i s t i c r e v e r s e c u r r e n t ( m a ) 2 5 j 5 0 j 1 0 0 j 7 5 j 1 2 5 j 0 . 1 0 . 0 1 0 . 1 1 1 0 i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) f o r w a r d v o l t a g e ( v ) t y p i c a l f o r w a r d c h a r a c t e r i s t i c 0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 2 5 j 5 0 j 1 0 0 j 7 5 j 1 2 5 j http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SCS0520P09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X